| Moteur de recherche de fiches techniques de composants électroniques |
|
MAS9560 Fiches technique(PDF) 24 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS9560 Fiches technique(HTML) 24 Page - Micro Analog systems |
|
24 / 25 page ![]() 24 (25) DA9560.001 20 January, 2005 PACKAGE (QFN 6x6 40ld) OUTLINE Parameter Typ Unit D 6 mm E 6 mm A 0.9 mm A1 0.02 mm D2 4.15 mm E2 4.15 mm e 0.5 mm NXb 0.23 mm INDEX AREA (D/2 x E/2) D/2 SEATING PLANE SIDE VIEW TOP VIEW D2 D2/2 EXPOSED PAD NXb 1 2 BOTTOM VIEW D |