| Moteur de recherche de fiches techniques de composants électroniques |
|
MAS9283AASN06 Fiches technique(PDF) 5 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS9283AASN06 Fiches technique(HTML) 5 Page - Micro Analog systems |
|
5 / 14 page ![]() DA9283.006 13 July 2006 5 (14) VOLTAGE CONTROL SENSITIVITY MAS9283AA, MAS9283AG and MAS9283AN Voltage control sensitivity graphs have been measured by using 26.996220MHz crystal (CL 14.6pF, C1 17.0fF, C0 3.9pF). For offset see note 1 page 4. MAS9283AA, AG, AN VC-sensitivity with 27MHz output. -210 -190 -170 -150 -130 -110 -90 -70 -50 -30 -10 10 30 50 70 90 110 130 150 170 190 210 230 250 270 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 3.8 4 4.2 4.4 4.6 4.8 5 VC-voltage (V) MAS9283AA MAS9283AG MAS9283AN Figure 3. Control voltage sensitivity of MAS9283. |