Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

215 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce 215
Description  Low voltage fast-switching PNP power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

215 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button 215 Datasheet HTML 3Page - STMicroelectronics 215 Datasheet HTML 4Page - STMicroelectronics 215 Datasheet HTML 5Page - STMicroelectronics 215 Datasheet HTML 6Page - STMicroelectronics 215 Datasheet HTML 7Page - STMicroelectronics 215 Datasheet HTML 8Page - STMicroelectronics 215 Datasheet HTML 9Page - STMicroelectronics 215 Datasheet HTML 10Page - STMicroelectronics 215 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package mechanical data
2STR2215
8/11
DIM.
mm
mils
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.85
1.1
33.4
43.3
B
0.65
0.95
25.6
37.4
C
1.20
1.4
47.2
55.1
D
2.80
3
110.2
118
E
0.95
1.05
37.4
41.3
F
1.9
2.05
74.8
80.7
G2.1
2.5
82.6
98.4
H
0.38
0.48
14.9
18.8
L0.3
0.6
11.8
23.6
M
0
0.1
0
3.9
N
0.3
0.65
11.8
25.6
O
0.09
0.17
3.5
6.7
0044616/B
SOT-23 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11