Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD2012 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce 2SD2012
Description  NPN SILICON POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2SD2012 Fiches technique(HTML) 2 Page - STMicroelectronics

  2SD2012_03 Datasheet HTML 1Page - STMicroelectronics 2SD2012_03 Datasheet HTML 2Page - STMicroelectronics 2SD2012_03 Datasheet HTML 3Page - STMicroelectronics 2SD2012_03 Datasheet HTML 4Page - STMicroelectronics 2SD2012_03 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
5
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = 60 V
100
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 7 V
100
µA
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = 50 mA
60
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 2 A
IB = 0.2 A
0.4
1
V
VBE
∗
Base-Emitter Voltage
IC = 0.5 A
VCE = 5 V
0.75
1
V
hFE
∗
DC Current Gain
IC = 0.5 A
VCE = 5 V
IC = 2 A
VCE = 5 V
100
20
320
fT
Transition frequency
VCE = 5 V
IC = 0.5 A
3
MHz
CCBO
Collector-Base
Capacitance
VCB = 10 V
IE = 0
f = 1 MHz
35
pF
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2 %
Safe Operating Area
Derating Curve
2SD2012
2/5



Html Pages

1 2 3 4 5