| Moteur de recherche de fiches techniques de composants électroniques |
|
M95040-RMN3/S Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95040-RMN3/S Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 42 page ![]() Instructions M95040, M95020, M95010 16/42 6 Instructions Each instruction starts with a single-byte code, as summarized in Table 4. If an invalid instruction is sent (one not contained in Table 4), the device automatically deselects itself. 6.1 Write Enable (WREN) The Write Enable Latch (WEL) bit must be set prior to each WRITE and WRSR instruction. The only way to do this is to send a Write Enable instruction to the device. As shown in Figure 7, to send this instruction to the device, Chip Select (S) is driven Low, and the bits of the instruction byte are shifted in, on Serial Data Input (D). The device then enters a wait state. It waits for a the device to be deselected, by Chip Select (S) being driven High. Figure 7. Write Enable (WREN) sequence Table 4. Instruction set Instruction Description Instruction Format WREN Write Enable 0000 X110(1) 1. X = Don’t Care. WRDI Write Disable 0000 X100(1) RDSR Read Status Register 0000 X101(1) WRSR Write Status Register 0000 X001(1) READ Read from Memory Array 0000 A8011 (2) 2. A8 = 1 for the upper half of the memory array of the M95040, and 0 for the lower half, and is Don’t Care for other devices. WRITE Write to Memory Array 0000 A8010 (2) C D AI01441D S Q 2 1 34567 High Impedance 0 Instruction |