Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95040-RMB6/S Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce M95040-RMB6/S
Description  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMB6/S Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button M95040-RMB6/S Datasheet HTML 8Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 9Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 10Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 11Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 12Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 13Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 14Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 15Page - STMicroelectronics M95040-RMB6/S Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Connecting to the SPI bus
M95040, M95020, M95010
12/42
3.1
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of
the two following modes:
●
CPOL=0, CPHA=0
●
CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge of Serial Clock (C), and
output data is available from the falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 4, is the clock polarity when the
bus master is in Stand-by mode and not transferring data:
●
C remains at 0 for (CPOL=0, CPHA=0)
●
C remains at 1 for (CPOL=1, CPHA=1)
Figure 4.
SPI modes supported
AI01438B
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42