| Moteur de recherche de fiches techniques de composants électroniques |
|
CSACV16.00MXA040Q Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
CSACV16.00MXA040Q Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 153 page ![]() ST72334J/N, ST72314J/N, ST72124J 16/153 Legend: x=undefined, R/W=read/write Notes: 1. The contents of the I/O port DR registers are readable only in output configuration. In input configura- tion, the values of the I/O pins are returned instead of the DR register contents. 2. The bits corresponding to unavailable pins are forced to 1 by hardware, affecting accordingly the reset status value. These bits must always keep their reset value. 3. External pin not available. 0058h 006Fh Reserved Area (24 Bytes) 0070h 0071h ADC ADCDR ADCCSR Data Register Control/Status Register xxh 00h Read Only R/W 0072h to 007Fh Reserved Area (14 Bytes) Address Block Register Label Register Name Reset Status Remarks |