Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS9191A Fiches technique(PDF) 10 Page - Micro Analog systems

No de pièce MAS9191A
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAS [Micro Analog systems]
Site Internet  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191A Fiches technique(HTML) 10 Page - Micro Analog systems

Back Button MAS9191A Datasheet HTML 6Page - Micro Analog systems MAS9191A Datasheet HTML 7Page - Micro Analog systems MAS9191A Datasheet HTML 8Page - Micro Analog systems MAS9191A Datasheet HTML 9Page - Micro Analog systems MAS9191A Datasheet HTML 10Page - Micro Analog systems MAS9191A Datasheet HTML 11Page - Micro Analog systems MAS9191A Datasheet HTML 12Page - Micro Analog systems MAS9191A Datasheet HTML 13Page - Micro Analog systems MAS9191A Datasheet HTML 14Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
DA9191A.000
July 31, 1997
ELECTRICAL CHARACTERISTICS
◆ Timing
(Ta=-40...85
oC)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SCL cycle
T1
0.5
us
Data setup time
T2
60
ns
Data hold time
T3
20
ns
STB rising edge after SCL falling edge
T4
10
ns
STB width
T5
5
us
MSB data bit valid after STB falling edge
T6
Register read
5
us
SCL rising edge after SCL falling edge
T7
Register read
5
us
Next data bit valid after SCL falling edge
T8
Register read
30
ns
Ready for next address
T9
7
us
Timing Diagram
A6 A5 A4 A3
A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
R/W
STB
SCL
SRxD
STxD
D7
D6 D5 D4 D3 D2 D1 D0
R/W
T1
T2
T3
T4
T5
T6
T7
T8
T9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36