Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS9116ASBA-T Fiches technique(PDF) 18 Page - Micro Analog systems

No de pièce MAS9116ASBA-T
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAS [Micro Analog systems]
Site Internet  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9116ASBA-T Fiches technique(HTML) 18 Page - Micro Analog systems

Back Button MAS9116ASBA-T Datasheet HTML 10Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 11Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 12Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 13Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 14Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 15Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 16Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 17Page - Micro Analog systems MAS9116ASBA-T Datasheet HTML 18Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
18 (18)
DA9116.005
22 November, 2005
ORDERING INFORMATION
Product Code
Product
Package
Quantity
Comments
MAS9116ASBA-T
MAS9116
16-pin Plastic SOIC
1000 pcs/reel in MBB
MBB=Moisture
Barrier Bag
MAS9116ASBA
MAS9116
16-pin Plastic SOIC
47 pcs/tube
MSB0091A Bake
recommendation
for surface
mounted devices
MAS9116AASD06
MAS9116
16-pin Plastic SOIC,
RoHS compliant
1000 pcs/reel in MBB
MBB=Moisture
Barrier Bag
MAS9116AASD08
MAS9116
16-pin Plastic SOIC,
RoHS compliant
47 pcs/tube
MSB0091A Bake
recommendation
for surface
mounted devices
MAS9116AAHV06
MAS9116
24-pin QFN 4x5,
RoHS compliant
1000 pcs/reel
MBB=Moisture
Barrier Bag
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kamreerintie 2, P.O. Box 51
FIN-02771 Espoo, FINLAND
Tel. +358 9 80 521
Fax +358 9 805 3213
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits shown
in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that
the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Micro Analog
Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18