| Moteur de recherche de fiches techniques de composants électroniques |
|
SST13LP02-QDF Fiches technique(PDF) 21 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST13LP02-QDF Fiches technique(HTML) 21 Page - Silicon Storage Technology, Inc |
|
21 / 25 page ![]() Preliminary Specifications 2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier SST13LP02 21 ©2006 SST Communications Corp. S71304-01-000 9/06 FIGURE 23: Typical Application Circuit 2 5 6 8 16 15 1 14 4 911 12 10 13 3 7 1304 Schematic1.1 17 18 19 20 21 22 23 24 LB Bias Circuit HB Bias Circuit R1 249 Ω C1 10pF Vreg_LB Vcc_LB RFin_LB Vcc_HB Vreg_HB RFin_HB T1 50 Ω C2 1.8pF L1 1.5nH T3 50 Ω T2 50 Ω C3 0.5pF C4 10pF C5 0.1uF T4 55- 75 Ω C8 10pF T12 50 Ω T11 50 Ω T10 50 Ω T8 50 Ω T9 50 Ω T7 50 Ω C16 1pF C14 47pF Det_HB RFout_HB RFout_LB Det_LB C10 1.8pF C11 0.8pF C15 0.3pF C9 10pF C12 0.1uF L2 8.2nH L3 8.2nH R2 221 Ω C13 0.1uF C6 0.1uF C7 0.1uF T6 55- 75 Ω T5 55- 75 Ω Operating Conditions: Vreg_LB = 2.9V, Vcc_LB = 3.3 V, Vreg_HB = 2.9V, Vcc_HB = 3.3V |