Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B2D30120H1 Fiches technique(PDF) 6 Page - BASIC SEMICONDUCTOR

No de pièce B2D30120H1
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BASICSEMI [BASIC SEMICONDUCTOR]
Site Internet  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2D30120H1 Fiches technique(HTML) 6 Page - BASIC SEMICONDUCTOR

  B2D30120H1 Datasheet HTML 1Page - BASIC SEMICONDUCTOR B2D30120H1 Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2D30120H1 Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2D30120H1 Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2D30120H1 Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2D30120H1 Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2D30120H1 Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SiC Schottky Diode
6 / 7
www.basicsemi.com
B2D30120H1
Package Dimensions
E
b2
b
A
A2
c
E1
A1
E3
e
16.55
D1
SYMBOL
MIN
NOM
MAX
mm
A
A1
13.30
-
-
-
-
A2
b
b2
c
D
E
E1
E2
E3
e
L
10.88 BSC
L1
19.92
3.60
φ
P
φ
P1
S
5.20
2.61
2.15
1.36
2.21
0.75
21.30
16.85
16.10
13.60
5.20
2.70
20.22
4.30
3.80
7.30
4.80
2.21
1.85
1.11
1.91
0.51
20.70
15.50
16.25
13.00
2.30
4.80
3.40
19.62
5.00
2.00
1.21
2.01
0.61
21.00
15.80
5.00
2.50
6.15 BSC
2.41
Recommended Solder Pad Layout
all units are in millimeters.
Rev. 0.3



Html Pages

1 2 3 4 5 6 7