| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS34083 Fiches technique(PDF) 21 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TCS34083 Fiches technique(HTML) 21 Page - ams AG |
|
21 / 52 page ![]() Datasheet, Public Page 21 [v2-00] 2023-Feb-01 Document Feedback TCS3408 − Register Overview Identification The identification registers provide auxiliary identification for special cases, wafer revision data, and device identification. All identification registers are read only. Figure 22: Identification Registers Note(s): 1. Return to the Register Map (0x90, 0x91, 0x92). Bits Addr Field Description 7:0 0x90 AUXID Auxiliary Identification (0x4A) 7:0 0x91 REVID Revision Identification (0x53) 7:0 0x92 ID Device Identification (0x18) |