Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95040-RMB6/G Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce M95040-RMB6/G
Description  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMB6/G Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button M95040-RMB6/G Datasheet HTML 19Page - STMicroelectronics M95040-RMB6/G Datasheet HTML 20Page - STMicroelectronics M95040-RMB6/G Datasheet HTML 21Page - STMicroelectronics M95040-RMB6/G Datasheet HTML 22Page - STMicroelectronics M95040-RMB6/G Datasheet HTML 23Page - STMicroelectronics M95040-RMB6/G Datasheet HTML 24Page - STMicroelectronics M95040-RMB6/G Datasheet HTML 25Page - STMicroelectronics M95040-RMB6/G Datasheet HTML 26Page - STMicroelectronics M95040-RMB6/G Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
M95040, M95020, M95010
Instructions
23/42
Figure 13.
Page Write (WRITE) sequence
1.
Depending on the memory size, as shown in Table 6, the most significant address bits are Don’t Care.
6.7
Cycling
C
D
S
2
1
3456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Instruction
Byte Address
0
Data Byte 1
C
D
AI01443D
S
26
25
27 28 29 30 31
24
Data Byte 16
Data Byte N
76
3210
54
Data Byte 2
7
A7 A6 A5 A4 A3 A2 A1 A0
A8
765432
0
1
7
6543210765432
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42