Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54F02DMX Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54F02DMX
Description  Quad 2-Input NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F02DMX Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  54F02DMX Datasheet HTML 1Page - National Semiconductor (TI) 54F02DMX Datasheet HTML 2Page - National Semiconductor (TI) 54F02DMX Datasheet HTML 3Page - National Semiconductor (TI) 54F02DMX Datasheet HTML 4Page - National Semiconductor (TI) 54F02DMX Datasheet HTML 5Page - National Semiconductor (TI) 54F02DMX Datasheet HTML 6Page - National Semiconductor (TI) 54F02DMX Datasheet HTML 7Page - National Semiconductor (TI) 54F02DMX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are de-
fined as follows:
Physical Dimensions inches (millimeters) unless otherwise noted
DS009455-4
20-Lead Ceramic Leadless Chip Carrier (L)
NS Package Number E20A
5
www.national.com
PrintDate=1997/09/03 PrintTime=06:50:40 11240 ds009455 Rev. No. 1
cmserv
Proof
5
Book
Extract
End



Html Pages

1 2 3 4 5 6 7 8