| Moteur de recherche de fiches techniques de composants électroniques |
|
MAS9012 Fiches technique(PDF) 1 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS9012 Fiches technique(HTML) 1 Page - Micro Analog systems |
|
1 / 12 page ![]() DA9012.001 25 August 2004 1 (12) MAS9012 Stepper Motor Driver IC • Supports Microstepping Movement • Capable to Drive One to Four Motors • Low Operating Voltage DESCRIPTION MAS9012 is a Miniature Stepper Motor Driver IC with four different versions to drive one to four motors of pointers in motorcycle and car dashboards and other similar applications. It features a microstepping function to allow smooth movement of the motor shaft. One microstep corresponds to an angular rotation of 1/12 degree of the motor shaft. The actual precision of the position is affected by the gear play of the motor. The microstepping movement of the motor shaft is achieved by converting a pulse sequence into a current level sequence sent to the stepper motor coils. FEATURES APPLICATIONS • Bipolar Stepper Motor Driver Outputs • Drives One to Four Stepper Motors • Microstepping Function • Glitch Filters at All Inputs • Low Operating Voltage • TSSOP-16 and TSSOP-28 Packages • Motorcycle Dashboards • Car Dashboards • Nautical Instrumentation • Miniature Stepper Motors in Appliances |
Numéro de pièce similaire - MAS9012 |
|
Description similaire - MAS9012 |