Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B2D20120HC Fiches technique(PDF) 6 Page - BASIC SEMICONDUCTOR

No de pièce B2D20120HC
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BASICSEMI [BASIC SEMICONDUCTOR]
Site Internet  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2D20120HC Fiches technique(HTML) 6 Page - BASIC SEMICONDUCTOR

  B2D20120HC Datasheet HTML 1Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2D20120HC Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev. 0.1
www.basicsemi.com
6 / 7
SYMBOL
mm
MIN
NOM
MAX
A
4.80
5.00
5.20
A1
2.21
2.41
2.59
A2
1.85
2.00
2.15
b
1.11
1.21
1.36
b2
1.91
2.01
2.21
b4
2.91
3.01
3.21
c
0.51
0.61
0.75
D
20.80
21.00
21.30
D1
16.25
16.55
16.85
E
15.50
15.80
16.10
E1
13.00
13.30
13.60
E2
4.80
5.00
5.20
E3
2.30
2.50
2.70
e
5.44 BSC
L
19.62
19.92
20.22
L1
-
-
4.30
φ
P
3.40
3.60
3.80
φ
P1
-
-
7.30
S
6.16 BSC
Package Dimensions
e
c
A1
A2
E3
b4
b2
b
E
A
E1
B2D20120HC
SiC Schottky Diode



Html Pages

1 2 3 4 5 6 7