Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST75185 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce ST75185
Description  Multiple RS-232 drivers and receivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button ST75185_06 Datasheet HTML 13Page - STMicroelectronics ST75185_06 Datasheet HTML 14Page - STMicroelectronics ST75185_06 Datasheet HTML 15Page - STMicroelectronics ST75185_06 Datasheet HTML 16Page - STMicroelectronics ST75185_06 Datasheet HTML 17Page - STMicroelectronics ST75185_06 Datasheet HTML 18Page - STMicroelectronics ST75185_06 Datasheet HTML 19Page - STMicroelectronics ST75185_06 Datasheet HTML 20Page - STMicroelectronics ST75185_06 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Package mechanical data
ST75185
18/21
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
10.8
11
0.425
0.433
Bo
13.2
13.4
0.520
0.528
Ko
3.1
3.3
0.122
0.130
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel SO-20 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21