| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC12F683-E/P Fiches technique(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F683-E/P Fiches technique(HTML) 17 Page - Microchip Technology |
|
17 / 148 page ![]() 2004 Microchip Technology Inc. Preliminary DS41211B-page 15 PIC12F683 2.2.2.5 PIR1 Register The PIR1 register contains the interrupt flag bits, as shown in Register 2-5. REGISTER 2-5: PIR1 – PERIPHERAL INTERRUPT REQUEST REGISTER 1 (ADDRESS: 0Ch) Note: Interrupt flag bits are set when an interrupt condition occurs, regardless of the state of its corresponding enable bit or the global enable bit, GIE (INTCON<7>). User software should ensure the appropriate interrupt flag bits are clear prior to enabling an interrupt. R/W-0 R/W-0 R/W-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 EEIF ADIF CCP1IF — CMIF OSFIF TMR2IF TMR1IF bit 7 bit 0 bit 7 EEIF: EEPROM Write Operation Interrupt Flag bit 1 = The write operation completed (must be cleared in software) 0 = The write operation has not completed or has not been started bit 6 ADIF: A/D Interrupt Flag bit 1 = A/D conversion complete 0 = A/D conversion has not completed or has not been started bit 5 CCP1IF: CCP1 Interrupt Flag bit Capture mode: 1 = A TMR1 register capture occurred (must be cleared in software) 0 = No TMR1 register capture occurred Compare mode: 1 = A TMR1 register compare match occurred (must be cleared in software) 0 = No TMR1 register compare match occurred PWM mode: Unused in this mode. bit 4 Unimplemented: Read as ‘0’ bit 3 CMIF: Comparator Interrupt Flag bit 1 = Comparator 1 output has changed (must be cleared in software) 0 = Comparator 1 output has not changed bit 2 OSFIF: Oscillator Fail Interrupt Flag bit 1 = System oscillator failed, clock input has changed to INTOSC (must be cleared in software) 0 = System clock operating bit 1 TMR2IF: Timer 2 to PR2 Match Interrupt Flag bit 1 = Timer 2 to PR2 match occurred (must be cleared in software) 0 = Timer 2 to PR2 match has not occurred bit 0 TMR1IF: Timer 1 Overflow Interrupt Flag bit 1 = Timer 1 register overflowed (must be cleared in software) 0 = Timer 1 has not overflowed Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown |