| Moteur de recherche de fiches techniques de composants électroniques |
|
M28W640FCT Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W640FCT Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 77 page ![]() M28W640FCT, M28W640FCB Maximum rating 33/77 7 Maximum rating Stressing the device above the rating listed in the Absolute Maximum Ratings table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 12. Absolute maximum ratings Symbol Parameter Value Unit Min Max TA Ambient Operating Temperature (1) 1. Depends on range. – 40 85 °C TBIAS Temperature Under Bias – 40 125 °C TSTG Storage Temperature – 55 155 °C VIO Input or Output voltage – 0.6 VDDQ+0.6 V VDD, VDDQ Supply voltage – 0.6 4.1 V VPP Program voltage – 0.6 13 V |