| Moteur de recherche de fiches techniques de composants électroniques |
|
CB1AHF-R-24V Fiches technique(PDF) 4 Page - Nais(Matsushita Electric Works) |
|
|
|||||||||||||||||||||||||||||
CB1AHF-R-24V Fiches technique(HTML) 4 Page - Nais(Matsushita Electric Works) |
|
4 / 4 page ![]() CB 382 3. Bracket type mm inch 16.0 .630 6.0 .236 25.0 .984 16.0 .630 4.0 ±0.1 .157 ±.004 1.7 .067 5.4 ±0.1 dia. .213 ±.004 22.0 .866 11.0 .433 5-6.3 5-.248 26.0 1.024 4.0 .157 1.7 dia. .067 dia. 8.0 ±0.1 .315 ±.004 17.9 .705 Sealed by epoxy resin 0.8 .031 8.4 .331 2.6 .102 8.4 .331 16.8 .661 Dimension: General tolerance Max. 1mm .039 inch: ±0.1 ±.004 1 to 3mm .039 to .118 inch: ±0.2 ±.008 Min. 3mm .118 inch: ±0.3 ±.012 Schematic (Bottom view) 86 87 87a 85 86 1a 1c 87 85 Including diode type, including load type also available. 4. High contact capacity type 2-6.3 ± 0.08 2-.248 ± .003 4-1.7 dia. hole 4-.067 dia. hole 2-9.5± 0.08 2-.374± .003 87 30 85 86 16.8 .661 8.4 .331 2.6 .102 0.8 .031 1.2 .047 8.4 .331 17.9 .705 22.0 .866 26.5 1.043 11.0 .433 15.0 .591 25.5 1.004 4.0 .157 5.8 .228 Sealed by epoxy resin Dimension: General tolerance Max. 1mm .039 inch: ±0.1 ±.004 1 to 3mm .039 to .118 inch: ±0.2 ±.008 Min. 3mm .118 inch: ±0.3 ±.012 Schematic (Bottom view) 87 85 30 86 REFERENCE DATA 1. Coil temperature rise Tested sample: CB1aF-P-12V, 3pcs. Ambient temperature: 85 °C 185°F Contact carrying current: 40A 2. Electrical life test (Motor load) Tested sample: CB1a-12V, 3pcs. Load: 18A steady, Inrush 82A Operating frequency: ON 2s, OFF 6s Coil applied voltage, V 12 14 16 180 150 120 90 60 30 0 40A No. of operations, ×104 10 5 0 0 5 6 7 4 3 2 1 Max. Min. x – x – Drop-out voltage Pick-up voltage Contact welding: 0 times Miscontact: 0 times 0 0 1 2 3 4 5 10 5 Max. Min. x No. of operations, ×104 For Cautions for use, see Relay Technical Information (Page 48 to 76). 9/1/2000 All Rights Reserved, © Copyright Matsushita Electric Works, Ltd. Go To Online Catalog |