Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9733 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce L9733
Description  Octal self configuring Low/High side driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button L9733 Datasheet HTML 18Page - STMicroelectronics L9733 Datasheet HTML 19Page - STMicroelectronics L9733 Datasheet HTML 20Page - STMicroelectronics L9733 Datasheet HTML 21Page - STMicroelectronics L9733 Datasheet HTML 22Page - STMicroelectronics L9733 Datasheet HTML 23Page - STMicroelectronics L9733 Datasheet HTML 24Page - STMicroelectronics L9733 Datasheet HTML 25Page - STMicroelectronics L9733 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Serial Peripheral Interface (SPI)
L9733
22/33
Table 9.
Command Register Logic Definition
BIT
STATE
STATUS
Writing Mode
b0-b7
0
OUT1 - OUT8 are Commanded Off
Output
b0-b7
1
OUT1 - OUT8 are Commanded On
Output
b0-b7
0
OUT1 - OUT8 Diagnostic is No Latch Mode
Diag
b0-b7
1
OUT1 - OUT8 Diagnostic is Latch Mode
Diag
b0-b7
0
OUT1 - OUT8 Switching OFF Overcurrent Protection
Protection
b0-b7
1
OUT1 - OUT8 Linear Overcurrent Protection
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33