| Moteur de recherche de fiches techniques de composants électroniques |
|
CC1000-RTR1 Fiches technique(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CC1000-RTR1 Fiches technique(HTML) 31 Page - Texas Instruments |
|
31 / 55 page ![]() CC1000 SWRS048A Page 31 of 55 20. Input / Output Matching A few passive external components combined with the internal T/R switch circuitry ensures match in both RX and TX mode. The matching network is shown in Figure 20. Component values for various frequencies are given in Table 1. Component values for other frequencies can be found using the configuration software. Figure 20. Input/output matching network RF_IN RF_OUT TO ANTENNA CC1000 L41 C41 C42 AVDD=3V L32 C31 RF_IN RF_OUT TO ANTENNA CC1000 L41 C41 C42 AVDD=3V L32 C31 RF_IN RF_OUT TO ANTENNA CC1000 L41 C41 C42 AVDD=3V L32 C31 RF_IN RF_OUT TO ANTENNA CC1000 L41 C41 C42 AVDD=3V L32 C31 |