| Moteur de recherche de fiches techniques de composants électroniques |
|
M95040-RMB6/W Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95040-RMB6/W Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 42 page ![]() Instructions M95040, M95020, M95010 20/42 6.4 Write Status Register (WRSR) This instruction has no effect on bits b7, b6, b5, b4, b1 and b0 of the Status Register. As shown in Figure 10, to send this instruction to the device, Chip Select (S) is first driven Low. The bits of the instruction byte and data byte are then shifted in on Serial Data Input (D). The instruction is terminated by driving Chip Select (S) High. Chip Select (S) must be driven High after the rising edge of Serial Clock (C) that latches the eighth bit of the data byte, and before the next rising edge of Serial Clock (C). If this condition is not met, the Write Status Register (WRSR) instruction is not executed. The self-timed Write Cycle starts, and continues for a period tW (as specified in Table 18 to Table 22), at the end of which the Write in Progress (WIP) bit is reset to 0. The instruction is not accepted, and is not executed, under the following conditions: ● if the Write Enable Latch (WEL) bit has not been set to 1 (by executing a Write Enable instruction just before) ● if a Write Cycle is already in progress ● if the device has not been deselected, by Chip Select (S) being driven High, after the eighth bit, b0, of the data byte has been latched in ● if Write Protect (W) is Low. Figure 10. Write Status Register (WRSR) sequence C D AI01445B S Q 2 1 3456789 10 11 12 13 14 15 High Impedance Instruction Status Register In 0 765432 0 1 MSB |