Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T81 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce M41T81
Description  Serial access Real-Time Clock with alarm
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button M41T81 Datasheet HTML 22Page - STMicroelectronics M41T81 Datasheet HTML 23Page - STMicroelectronics M41T81 Datasheet HTML 24Page - STMicroelectronics M41T81 Datasheet HTML 25Page - STMicroelectronics M41T81 Datasheet HTML 26Page - STMicroelectronics M41T81 Datasheet HTML 27Page - STMicroelectronics M41T81 Datasheet HTML 28Page - STMicroelectronics M41T81 Datasheet HTML 29Page - STMicroelectronics M41T81 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
M41T81
Revision history
29/30
8
Revision history
Table 16.
Revision history
Date
Revision
Revision details
December 2001
1.0
First issue
21-Jan-02
1.1
Fix table footnotes (Table 9, Table 10)
01-May-02
1.2
Modify reflow time and temperature footnote (Table 6)
05-Jun-02
1.3
Modify data retention text, trip points (Table 12)
10-Jun-02
1.4
Corrected supply voltage values (Table 6, Table 7)
03-Jul-02
1.5
Modify DC characteristics, crystal electrical table footnotes, preferred
default values (Table 9, Table 10, Table 5)
11-Oct-02
1.6
Add marketing status (Figure 2; Table 15); adjust footnotes (Figure 2;
Table 9)
21-Jan-03
1.7
Add embedded crystal package option (Figure 1, 3, 23; Table 16);
modified pre-existing mechanical drawing (Figure 17; Table 14).
05-Mar-03
1.8
Correct dimensions (Table 16); remove SNAPHAT® package option
12-Sep-03
2.0
Updated disclaimer, v2.2 template; add SOX18 package (Figure 2, 4;
Table 15)
27-Apr-04
3.0
Reformatted; update characteristics (Figure 4, 3, Figure 3, Figure 10,
Figure 13, Table 1, Table 6, Table 9, Table 12, Table 15)
17-Jun-04
4.0
Reformatted; add lead-free information; add dual footprint
connections (Figure 5;Table 6, Table 15)
7-Sep-04
5.0
Update footprint and maximum ratings (Figure 5; Table 6)
13-Sep-04
6.0
Update max ratings (Table 6)
03-Jun-05
7
Remove SOX18 and SOX28 references (Features summary,
Figure 1; Table 1, Table 6, Table 10, Table 15)
12-Jul-2006
8
Changed document to new template; Updated package mechanical
data in Section 6: Package mechanical information; small text
changes for entire document; ecopack compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30