| Moteur de recherche de fiches techniques de composants électroniques |
|
MAS1016ATC1 Fiches technique(PDF) 5 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS1016ATC1 Fiches technique(HTML) 5 Page - Micro Analog systems |
|
5 / 6 page ![]() 5 (6) DA1016.003 31 October, 2000 PACKAGE FOR SAMPLES NC 1 VDD 2 NC 3 QO 4 NC 5 QI 6 AGC 7 OUT 8 NC 9 NC 10 20 VSS 19 NC 18 RFI 17 PDN 16 AON 15 DEC 14 NC 13 NC 12 NC 11 NC PDIP 20 PIN DESCRIPTION Pin Name Pin Type Function Note NC 1 VDD 2 P Positive Power Supply NC 3 QO 4 AO Quartz Filter Output NC 5 QI 6 AI Quartz Filter Input AGC 7 AO AGC Capacitor OUT 8 DO Receiver Output 3 NC 9 NC 10 NC 11 NC 12 NC 13 NC 14 DEC 15 AO Demodulator Capacitor AON 16 DI AGC On Control 2 PDN 17 AI Power Down Input 1 RFI 18 AI Receiver Input NC 19 VSS 20 G Power Supply Ground Notes: 1) Level = VSS means receiver on; VDD = receiver off 2) Level = VDD means receiver on; VSS = receiver off (PDN = VDD) Internal pull-down resistor > 1MOhm to VSS 3) 100 % AM results in Level = VSS; 25 % AM results in Level = VDD - the output is a current source/sink with [lout] >5 µA - at power down the output is tri-state |