| Moteur de recherche de fiches techniques de composants électroniques |
|
MB90347CE Fiches technique(PDF) 41 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90347CE Fiches technique(HTML) 41 Page - fujitsu semiconductor |
|
41 / 85 page ![]() MB90340E Series 41 (Continued) Notes : • Initial value of “X” represents unknown value. • Any write access to reserved addresses in I/O map should not be performed. A read access to reserved addresses results in reading “X”. Address Register Abbreviation Access Resource name Initial value 0079E0H Detect Address Setting 0 PADR0 R/W Address Match Detection 0 XXXXXXXXB 0079E1H Detect Address Setting 0 PADR0 R/W XXXXXXXXB 0079E2H Detect Address Setting 0 PADR0 R/W XXXXXXXXB 0079E3H Detect Address Setting 1 PADR1 R/W XXXXXXXXB 0079E4H Detect Address Setting 1 PADR1 R/W XXXXXXXXB 0079E5H Detect Address Setting 1 PADR1 R/W XXXXXXXXB 0079E6H Detect Address Setting 2 PADR2 R/W XXXXXXXXB 0079E7H Detect Address Setting 2 PADR2 R/W XXXXXXXXB 0079E8H Detect Address Setting 2 PADR2 R/W XXXXXXXXB 0079E9H to 0079EFH Reserved 0079F0H Detect Address Setting 3 PADR3 R/W Address Match Detection 1 XXXXXXXXB 0079F1H Detect Address Setting 3 PADR3 R/W XXXXXXXXB 0079F2H Detect Address Setting 3 PADR3 R/W XXXXXXXXB 0079F3H Detect Address Setting 4 PADR4 R/W XXXXXXXXB 0079F4H Detect Address Setting 4 PADR4 R/W XXXXXXXXB 0079F5H Detect Address Setting 4 PADR4 R/W XXXXXXXXB 0079F6H Detect Address Setting 5 PADR5 R/W XXXXXXXXB 0079F7H Detect Address Setting 5 PADR5 R/W XXXXXXXXB 0079F8H Detect Address Setting 5 PADR5 R/W XXXXXXXXB 0079F9H to 0079FFH Reserved 007A00H to 007AFFH Reserved for CAN Controller 0. Refer to “ ■ CAN CONTROLLERS” 007B00H to 007BFFH Reserved for CAN Controller 0. Refer to “ ■ CAN CONTROLLERS” 007C00H to 007CFFH Reserved for CAN Controller 1. Refer to “ ■ CAN CONTROLLERS” 007D00H to 007DFFH Reserved for CAN Controller 1. Refer to “ ■ CAN CONTROLLERS” 007E00H to 007EFFH Reserved for CAN Controller 2. Refer to “ ■ CAN CONTROLLERS” 007F00H to 007FFFH Reserved for CAN Controller 2. Refer to “ ■ CAN CONTROLLERS” |