| Moteur de recherche de fiches techniques de composants électroniques |
|
M41T93RQA6F Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T93RQA6F Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 49 page ![]() Preliminary Data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. August 2006 Rev 1 1/49 49 M41T93 Serial SPI bus RTC with battery switchover Feature summary ■ 2.0 to 5.5V clock operating voltage ■ Ultra-low battery supply current of 365nA ■ Counters for tenths/hundredths of seconds, seconds, minutes, hours, day, date, month, year, and century ■ Programmable clock calibration (analog and digital) ■ Automatic switch-over and reset output circuitry (fixed reference) –M41T93S: VCC = 3.0V to 5.5V (2.85V ≤VRST ≤3.00V) –M41T93R: VCC = 2.7V to 5.5V (2.55V ≤VRST ≤2.70V) –M41T93Z: VCC = 2.38V to 5.50V (2.25V ≤VRST ≤2.38V) ■ Compatible with SPI Bus serial interface (positive clock SPI modes) ■ Programmable alarm with interrupt function (valid even during battery back-up mode) ■ Optional 2nd programmable alarm available ■ Square wave output (defaults to 32kHz on power-up) ■ RESET (RST) output ■ Watchdog timer ■ Programmable 8-bit counter/timer ■ 7 Bytes of battery-backed user SRAM ■ Battery low flag ■ Power-down time stamp (HT Bit) ■ Low operating current of 80µA ■ Oscillator stop detection ■ Battery or super-cap™ Back-up ■ Operating temperature of –40°C to 85°C ■ Package options include: – a 16-Lead QFN or an 18-Lead Embedded Crystal SOIC ■ RoHS Compliance: lead-free components are compliant with the RoHS directive. SOX18 (MY, 18-pin, 300mil SOIC QFN16, 4mm x 4mm (QA) 1 18 with Embedded Crystal) www.st.com |
Numéro de pièce similaire - M41T93RQA6F |
|
Description similaire - M41T93RQA6F |