Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7FL19F1MAE Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce ST7FL19F1MAE
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL19F1MAE Fiches technique(HTML) 5 Page - STMicroelectronics

  ST7FL19F1MAE Datasheet HTML 1Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 2Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 3Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 4Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 5Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 6Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 7Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 8Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 138 page
background image
ST7L15, ST7L19
5/138
2 PIN DESCRIPTION
Figure 2. 20-Pin SO Package Pinout
Notes:
1. This pin cannot be configured as external interrupt in ROM devices.
2. OSC1 and OSC2 are not multiplexed in ROM devices and Port C is not present.
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
In/Output level: CT = CMOS 0.3VDD /0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt, ana = analog
– Output:
OD = open drain, PP = push-pull
The RESET configuration of each pin (shown in bold) is valid as long as the device is in reset state.
Table 1. Device Pin Description
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VSS
VDD
AIN5/PB5
CLKIN/AIN4/PB4
MOSI/AIN3/PB3
MISO/AIN2/PB2
SCK/AIN1/PB1
SS/AIN0/PB0
OSC1/CLKIN/PC02)
OSC2/PC12)
PA5 (HS)/ATPWM3/ICCDATA
PA4 (HS)/ATPWM2
PA3 (HS)/ATPWM1
PA2 (HS)/ATPWM0
PA1 (HS)/ATIC
PA0 (HS)/LTIC1)
(HS) 20mA High sink capability
eix
associated external interrupt vector
12
11
9
10
AIN6/PB6
PA7 (HS)
PA6/MCO/ICCCLK/BREAK
RESET
ei3
ei2
ei0
ei1
Pin No.
Pin Name
Level
Port / Control
Main
Function
(after
reset)
Alternate Function
SO20
Input
Output
1VSS
S
Ground
2VDD
S
Main power supply
3
RESET
I/O CT
X
X
Top priority non maskable interrupt (active low)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More