Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T83RM6F Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce M41T83RM6F
Description  Serial RTC with battery switchover
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83RM6F Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button M41T83RM6F Datasheet HTML 50Page - STMicroelectronics M41T83RM6F Datasheet HTML 51Page - STMicroelectronics M41T83RM6F Datasheet HTML 52Page - STMicroelectronics M41T83RM6F Datasheet HTML 53Page - STMicroelectronics M41T83RM6F Datasheet HTML 54Page - STMicroelectronics M41T83RM6F Datasheet HTML 55Page - STMicroelectronics M41T83RM6F Datasheet HTML 56Page - STMicroelectronics M41T83RM6F Datasheet HTML 57Page - STMicroelectronics M41T83RM6F Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 57 / 58 page
background image
M41T82 M41T83
Revision history
57/58
8
Revision history
Date
Revision
Changes
27-Jul-2006
1
First edition
17-Oct-2006
2
Updated package mechanical data in Figure 30: SO8 – 8-lead plastic
small package outline and Table 27: SO8 – 8-lead plastic small outline
(150 mils body width), package mech. data; small text changes for
entire document, amended footnotes in Table 1, Table 14 and
Figure 5.
19-Dec-2006
3
Document status upgraded to full datasheet; added footnote to diagram
in Features; amended footnotes in Figure 2 and updated footnotes in
Table 28; updated ‘typical data’ for ICC1 and ICC2 in Table 20; Updated
package mechanical data for the
QFN16 and SOX18 in Section 6;
changed kHz to KHz through document; made small text changes
throughout document.
08-Mar-2007
4
Updated cover page (features and amended footnote concerning
availability), Figure 18: Clock accuracy vs. on-chip load capacitance,
and ordering information (Table 28).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58