| Moteur de recherche de fiches techniques de composants électroniques |
|
M34C02-WDW1TP Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34C02-WDW1TP Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 31 page ![]() April 2006 Rev 9 1/31 1 M34C02-W M34C02-L M34C02-R 2 Kbit Serial I²C Bus EEPROM for DIMM serial presence detect Feature summary ■ Software Data Protection for lower 128 Bytes ■ Two Wire I2C Serial Interface ■ 400kHz Transfer Rates ■ Single Supply Voltage: – 2.5 to 5.5V for M34C02-W – 2.2 to 5.5V for M34C02-L – 1.8 to 5.5V for M34C02-R ■ Byte and Page Write (up to 16 bytes) ■ Random and Sequential Read modes ■ Self-Timed Programming Cycle ■ Automatic Address Incrementing ■ Enhanced ESD/Latch-Up Protection ■ More than 1 million Write cycles ■ More than 40 Year Data Retention ■ Packages – ECOPACK® (RoHS compliant) TSSOP8 (DW) 169 mil width UFDFPN8 (MB) 2x3mm² (MLP) www.st.com |
Numéro de pièce similaire - M34C02-WDW1TP |
|
Description similaire - M34C02-WDW1TP |