Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M34C02-RMB1TP Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce M34C02-RMB1TP
Description  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-RMB1TP Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button M34C02-RMB1TP Datasheet HTML 11Page - STMicroelectronics M34C02-RMB1TP Datasheet HTML 12Page - STMicroelectronics M34C02-RMB1TP Datasheet HTML 13Page - STMicroelectronics M34C02-RMB1TP Datasheet HTML 14Page - STMicroelectronics M34C02-RMB1TP Datasheet HTML 15Page - STMicroelectronics M34C02-RMB1TP Datasheet HTML 16Page - STMicroelectronics M34C02-RMB1TP Datasheet HTML 17Page - STMicroelectronics M34C02-RMB1TP Datasheet HTML 18Page - STMicroelectronics M34C02-RMB1TP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
M34C02-W, M34C02-L, M34C02-R
Device operation
15/31
Figure 8.
Write mode sequences in a non write-protected area
BYTE WRITE
DEV SEL
BYTE ADDR
DATA IN
PAGE WRITE
DEV SEL
BYTE ADDR
DATA IN 1
DATA IN 2
AI01941
DATA IN N
ACK
ACK
ACK
R/W
ACK
ACK
ACK
R/W
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31