| Moteur de recherche de fiches techniques de composants électroniques |
|
KTY83/122 Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KTY83/122 Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 11 page ![]() 2003 Sep 15 9 Philips Semiconductors Product specification Silicon temperature sensors KTY83 series PACKAGE OUTLINE REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ Note 1. The marking band indicates the cathode. SOD68 DO-34 97-06-09 Hermetically sealed glass package; axial leaded; 2 leads SOD68 UNIT b max. mm 0.55 D max. G1 max. 25.4 3.04 1.6 L min. DIMENSIONS (mm are the original dimensions) G1 L D L b (1) 0 2 4 mm scale |