| Moteur de recherche de fiches techniques de composants électroniques |
|
KTY83/121 Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KTY83/121 Fiches technique(HTML) 6 Page - NXP Semiconductors |
|
6 / 11 page ![]() 2003 Sep 15 6 Philips Semiconductors Product specification Silicon temperature sensors KTY83 series Table 3 Ambient temperature, corresponding resistance, temperature coefficient and maximum expected temperature error for KTY83/150 and KTY83/151 Icont = 1 mA. AMBIENT TEMPERATURE TEMP. COEFF. KTY83/150 KTY83/151 ( °C) ( °F) (%/K) RESISTANCE ( Ω) TEMP. ERROR (K) RESISTANCE ( Ω) TEMP. ERROR (K) MIN. TYP. MAX. MIN. TYP. MAX. −55 −67 0.97 465 500 535 ±7.19 466 487 509 ±4.92 −50 −58 0.96 489 525 561 ±7.16 489 512 534 ±4.56 −40 −40 0.93 539 577 615 ±7.1 539 562 586 ±4.42 −30 −22 0.91 592 632 673 ±7.04 593 617 641 ±4.28 −20 −4 0.88 649 691 734 ±6.97 650 674 699 ±4.12 −10 14 0.85 710 754 798 ±6.9 710 735 760 ±3.96 0 32 0.83 774 820 866 ±6.81 774 799 824 ±3.79 10 50 0.80 842 889 937 ±6.72 842 867 892 ±3.59 20 68 0.78 913 962 1012 ±6.61 914 938 963 ±3.39 25 77 0.76 950 1000 1050 ±6.55 950 975 1000 ±3.27 30 86 0.75 986 1039 1091 ±6.76 987 1013 1039 ±3.43 40 104 0.73 1060 1118 1177 ±7.19 1061 1090 1120 ±3.76 50 122 0.71 1137 1202 1267 ±7.63 1138 1172 1206 ±4.1 60 140 0.69 1217 1288 1360 ±8.1 1218 1256 1295 ±4.45 70 158 0.67 1300 1379 1457 ±8.58 1301 1344 1387 ±4.83 80 176 0.65 1386 1472 1559 ±9.07 1387 1435 1484 ±5.21 90 194 0.63 1475 1569 1664 ±9.59 1476 1530 1584 ±5.62 100 212 0.61 1566 1670 1773 ±10.12 1568 1628 1 688 ±6.04 110 230 0.60 1661 1774 1887 ±10.66 1663 1730 1796 ±6.47 120 248 0.58 1759 1882 2004 ±11.282 1761 1835 1908 ±6.92 125 257 0.57 1809 1937 2064 ±11.51 1811 1888 1966 ±7.15 130 266 0.57 1859 1993 2126 ±11.8 1862 1943 2024 ±7.38 140 284 0.55 1963 2107 2251 ±12.4 1965 2054 2143 ±7.87 150 302 0.54 2069 2225 2380 ±13.01 2072 2169 2267 ±8.36 160 320 0.52 2178 2346 2514 ±13.64 2181 2288 2394 ±8.87 170 338 0.51 2290 2471 2652 ±14.28 2293 2409 2525 ±9.4 175 347 0.51 2347 2535 2722 ±14.61 2350 2471 2592 ±9.67 |