Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T82SM6E Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce M41T82SM6E
Description  Serial RTC with battery switchover
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82SM6E Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button M41T82SM6E Datasheet HTML 15Page - STMicroelectronics M41T82SM6E Datasheet HTML 16Page - STMicroelectronics M41T82SM6E Datasheet HTML 17Page - STMicroelectronics M41T82SM6E Datasheet HTML 18Page - STMicroelectronics M41T82SM6E Datasheet HTML 19Page - STMicroelectronics M41T82SM6E Datasheet HTML 20Page - STMicroelectronics M41T82SM6E Datasheet HTML 21Page - STMicroelectronics M41T82SM6E Datasheet HTML 22Page - STMicroelectronics M41T82SM6E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
M41T82 M41T83
Operation
19/58
2.3
WRITE mode
In this mode the master transmitter transmits to the M41T8x slave receiver. Bus protocol is shown in
Figure 15. Following the START condition and slave address, a logic '0' (R/W = 0) is placed on the bus
and indicates to the addressed device that word address “An” will follow and is to be written to the on-
chip address pointer. The data word to be written to the memory is strobed in next and the internal
address pointer is incremented to the next address location on the reception of an acknowledge clock.
The M41T8x slave receiver will send an acknowledge clock to the master transmitter after it has received
the slave address see Figure 12 on page 17 and again after it has received the word address and each
data byte.
Figure 15.
WRITE mode sequence
AI00591
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58