| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD30102 Fiches technique(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD30102 Fiches technique(HTML) 39 Page - Renesas Technology Corp |
|
39 / 114 page ![]() µPD30102 37 Preliminary Data Sheet 3.7.1 ROM address space The ROM space differs depending on the bit width of the memory data bus and the capacity of the ROM being used. • The bit width of the memory data bus is specified by the setting of the DBUS32 pin. • The ROM capacity is set via the ROM64 bit of BCUCNTREG1. The physical addresses of the ROM space are listed below. Table 3-2. ROM Addresses (when using 16-bit data bus) Physical address ADD (25:0) When using 32-Mbit ROM When using 64-Mbit ROM 0x1FFF FFFF 0x3FF FFFF BANK 3 (ROMCS3#) BANK 3 (ROMCS3#) || 0x1FC0 0000 0x0C0 0000 0x1FBF FFFF 0x3BF FFFF BANK 2 (ROMCS2#) || 0x1F80 0000 0x380 0000 0x1F7F FFFF 0x37F FFFF BANK 1 (ROMCS1#) BANK 2 (ROMCS2#) || 0x1F40 0000 0x340 0000 0x1F3F FFFF 0x33F FFFF BANK 0 (ROMCS0#) || 0x1F00 0000 0x300 0000 0x1EFF FFFF 0x2FF FFFF RFU BANK 1 (ROMCS1#) || 0x1E80 0000 0x280 0000 0x1E7F FFFF 0x27F FFFF BANK 0 (ROMCS0#) || 0x1E00 0000 0x200 0000 0x1DFF FFFF 0x1FF FFFF RFU || 0x1800 0000 0x000 0000 Table 3-3. ROM Addresses (when using 32-bit data bus) Physical address ADD (25:0) When using 32-Mbit ROM When using 64-Mbit ROM 0x1FFF FFFF 0x3FF FFFF BANK 1 (ROMCS1#) BANK 1 (ROMCS1#) || 0x1F80 0000 0x380 0000 0x1F7F FFFF 0x37F FFFF BANK 0 (ROMCS0#) || 0x1F00 0000 0x300 0000 0x1EFF FFFF 0x2FF FFFF RFU BANK 0 (ROMCS0#) || 0x1E00 0000 0x200 0000 0x1DFF FFFF 0x1FF FFFF RFU || 0x1800 0000 0x000 0000 |