| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS320 Fiches technique(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS320 Fiches technique(HTML) 22 Page - Microchip Technology |
|
22 / 28 page ![]() HCSXXX DS41256A-page 22 Preliminary 2004 Microchip Technology Inc. 5.5 Programming Waveforms (HCS201) FIGURE 5-3: PROGRAMMING WAVEFORMS (HCS201) FIGURE 5-4: VERIFY WAVEFORMS DATA Enter Program Mode (Data) (Clock) bit 0 bit 1 bit 2 bit 3 bit 14 bit 15 bit 16 bit 17 TPH1 TPBW TPS Repeat for each word (12 times) TPH2 TCLKH TCLKL TWC TDS S2 Data for Word 1 TDH TCLKL Initiate Data Polling Here Write Cycle Complete Here TACKL TACKH Calibration Pulses TPHOLD Ack Ack Ack Note: S0 and S1 button inputs to be held to ground during the entire programming sequence. DATA (Clock) (Data) End of Programming Cycle Beginning of Verify Cycle bit 1 bit 2 bit 3 bit 15 bit 14 bit 16 bit 17 bit 190bit 191 TWC Data from Word 0 TDV S2 bit 0 bit 191 bit 190 Ack Note: If a Verify operation is to be done, then it must immediately follow the Program cycle. |