Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS301 Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce HCS301
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS301 Fiches technique(HTML) 22 Page - Microchip Technology

Back Button HCS301 Datasheet HTML 18Page - Microchip Technology HCS301 Datasheet HTML 19Page - Microchip Technology HCS301 Datasheet HTML 20Page - Microchip Technology HCS301 Datasheet HTML 21Page - Microchip Technology HCS301 Datasheet HTML 22Page - Microchip Technology HCS301 Datasheet HTML 23Page - Microchip Technology HCS301 Datasheet HTML 24Page - Microchip Technology HCS301 Datasheet HTML 25Page - Microchip Technology HCS301 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
HCSXXX
DS41256A-page 22
Preliminary
 2004 Microchip Technology Inc.
5.5
Programming Waveforms (HCS201)
FIGURE 5-3:
PROGRAMMING WAVEFORMS (HCS201)
FIGURE 5-4:
VERIFY WAVEFORMS
DATA
Enter Program
Mode
(Data)
(Clock)
bit 0 bit 1 bit 2 bit 3
bit 14 bit 15
bit 16 bit 17
TPH1
TPBW
TPS
Repeat for each word (12 times)
TPH2
TCLKH
TCLKL
TWC
TDS
S2
Data for Word 1
TDH
TCLKL
Initiate Data
Polling Here
Write Cycle
Complete Here
TACKL TACKH
Calibration Pulses
TPHOLD
Ack
Ack
Ack
Note:
S0 and S1 button inputs to be held to ground during the entire programming sequence.
DATA
(Clock)
(Data)
End of Programming Cycle
Beginning of Verify Cycle
bit 1 bit 2 bit 3
bit 15
bit 14
bit 16 bit 17
bit 190bit 191
TWC
Data from Word 0
TDV
S2
bit 0
bit 191
bit 190
Ack
Note:
If a Verify operation is to be done, then it must immediately follow the Program cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28