Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCSXXX Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce HCSXXX
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCSXXX Fiches technique(HTML) 7 Page - Microchip Technology

Back Button HCSXXX Datasheet HTML 3Page - Microchip Technology HCSXXX Datasheet HTML 4Page - Microchip Technology HCSXXX Datasheet HTML 5Page - Microchip Technology HCSXXX Datasheet HTML 6Page - Microchip Technology HCSXXX Datasheet HTML 7Page - Microchip Technology HCSXXX Datasheet HTML 8Page - Microchip Technology HCSXXX Datasheet HTML 9Page - Microchip Technology HCSXXX Datasheet HTML 10Page - Microchip Technology HCSXXX Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41256A-page 7
HCSXXX
TABLE 2-6:
HCS360 12 X 16-BIT EEPROM MEMORY MAP
TABLE 2-7:
HCS361 12 X 16-BIT EEPROM MEMORY MAP
Word Address
Mnemonic
Description
0x00
KEY_0
Word 0 (LSb's) of 64-bit crypt key
0x01
KEY_1
Word 1 of 64-bit crypt key
0x02
KEY_2
Word 2 of 64-bit crypt key
0x03
KEY_3
Word 3 (MSb's) of 64-bit crypt key
0x04
SYNC_A
16-bit synchronization value A
0x05
SYNC_B
16-bit synchronization value B or Seed Value (Word 2)
0x06
Reserved
Set to 0x0000
0x07
SEED_0
Word 0 (LSb's) of 32-bit seed value
0x08
SEED_1
Word 1 (MSb's) of 32-bit seed value
0x09
SER_0
Word 0 (LSb's) of 32-bit serial number
0x0A
SER_1
Word 1 (MSb's) of 32-bit serial number
0x0B
CONFIG
Configuration Word
Word Address
Mnemonic
Description
0x00
KEY_0
Word 0 (LSb's) of 64-bit crypt key
0x01
KEY_1
Word 1 of 64-bit crypt key
0x02
KEY_2
Word 2 of 64-bit crypt key
0x03
KEY_3
Word 3 (MSb's) of 64-bit crypt key
0x04
SYNC_A
16-bit synchronization value A
0x05
SYNC_B/SEED_2
16-bit synchronization value B or Seed Value (Word 2)
0x06
Reserved
Set to 0x0000
0x07
SEED_0
Word 0 (LSb's) of 32-bit seed value
0x08
SEED_1
Word 1 (MSb's) of 32-bit seed value
0x09
SER_0
Word 0 (LSb's) of 32-bit serial number
0x0A
SER_1
Word 1 (MSb's) of 32-bit serial number
0x0B
CONFIG
Configuration Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28