Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7721 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce 7721
Description  H Bridge Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

7721 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  7721 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7721 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7721 Datasheet HTML 3Page - List of Unclassifed Manufacturers 7721 Datasheet HTML 4Page - List of Unclassifed Manufacturers 7721 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
7
7-35
Model 7721 Series
1.800
2.230 Max.
.950
1.100
±.015
(CL to CL)
.290
±.015
Date Code
Lot No.
7721-1A
.200
1.380 Max.
Pin #1
Pin .020 x .050
16 Places
Marking Surface
4x R.215
4x Ø .280 x .060 Deep
4x Ø .150 Thru
.300
±.010
4 x .100
10 x .200
OUTLINE DIMENSIONS (Inch)



Html Pages

1 2 3 4 5