| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD16675AP/W Fiches technique(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16675AP/W Fiches technique(HTML) 26 Page - Renesas Technology Corp |
|
26 / 38 page ![]() 24 µµµµPD16675A 8.3 Read Display Data and Pictograph Data Parameter STB Command/data Description b7 b6 b5 b4 b3 b2 b1 b0 Start H XX XXXXXX Chip Address Register (CAR) L 00 000000 Chip address = 000 Address register 1 L 11 000000 Dot address, Y address = 00H Address register 2 L 00 000000 X address = 00H H XX XXXXXX CAR L 00 000000 Chip address = 000 Data R/W mode L 10 110101 Data write, the address is incremented starting from the current one. Dot display data 1 | Dot display data 128 L | L D D D D D D D D D D D D D D D D Data of Y address = 00H (128 bytes) Dot display data 1 | Dot display data 128 L | L D D D D D D D D D D D D D D D D Data of Y address = 01H (128 bytes) Dot display data 1 | Dot display data 128 L | L D D D D D D D D D D D D D D D D Data of Y address = 02H (128 bytes) Dot display data 1 | Dot display data 128 L | L D D D D D D D D D D D D D D D D Data of Y address = 03H (128 bytes) H XX XXXXXX CAR L 00 000000 Chip address = 000 Address register 1 L 11 010000 Pictograph group address, Y address = 00H Address register 2 L 00 000000 X address = 00H H XX XXXXXX CAR L 00 000000 Chip address = 000 Data R/W mode L 10 110101 Data write, the address is incremented starting from the current one. Pict display data 1 | Pict display data 16 L | L D D D D D D D D D D D D D D D D Data of Y address = 00H (16 bytes) H XX XXXXXX Pict display data 1 | Pict display data 16 L | L D D D D D D D D D D D D D D D D Data of Y address = 01H (16 bytes) End H XX XXXXXX Remark X = Don't Care, D = Data |