| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD16640B Fiches technique(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16640B Fiches technique(HTML) 8 Page - Renesas Technology Corp |
|
8 / 18 page ![]() Data Sheet S12581EJ1V0DS00 6 µµµµ PD16640B Table4–1. Relation between Input Data and Output Voltage Input Data DX5 DX4 DX3 DX2 DX1 DX0 Output Voltage 00H 00 0000 V0 01H 00 0001 V2 + (V1 – V2) × 6/7 02H 00 0010 V2 + (V1 – V2) × 5/7 03H 00 0011 V2 + (V1 – V2) × 4/7 04H 00 0100 V2 + (V1 – V2) × 3/7 05H 00 0101 V2 + (V1 – V2) × 2/7 06H 00 0110 V2 + (V1 – V2) × 1/7 07H 00 0111 V2 08H 00 1000 V3 + (V2 – V3) × 7/8 09H 00 1001 V3 + (V2 – V3) × 6/8 0AH 00 1010 V3 + (V2 – V3) × 5/8 0BH 00 1011 V3 + (V2 – V3) × 4/8 0CH 00 1100 V3 + (V2 – V3) × 3/8 0DH 00 1101 V3 + (V2 – V3) × 2/8 0EH 00 1110 V3 + (V2 – V3) × 1/8 0FH 00 1111 V3 10H 01 0000 V4 + (V3 – V4) × 7/8 11H 01 0001 V4 + (V3 – V4) × 6/8 12H 01 0010 V4 + (V3 – V4) × 5/8 13H 01 0011 V4 + (V3 – V4) × 4/8 14H 01 0100 V4 + (V3 – V4) × 3/8 15H 01 0101 V4 + (V3 – V4) × 2/8 16H 01 0110 V4 + (V3 – V4) × 1/8 17H 01 0111 V4 18H 01 1000 V5 + (V4 – V5) × 7/8 19H 01 1001 V5 + (V4 – V5) × 6/8 1AH 01 1010 V5 + (V4 – V5) × 5/8 1BH 01 1011 V5 + (V4 – V5) × 4/8 1CH 01 1100 V5 + (V4 – V5) × 3/8 1DH 01 1101 V5 + (V4 – V5) × 2/8 1EH 01 1110 V5 + (V4 – V5) × 1/8 1FH 01 1111 V5 20H 10 0000 V6 + (V5 – V6) × 7/8 21H 10 0001 V6 + (V5 – V6) × 6/8 22H 10 0010 V6 + (V5 – V6) × 5/8 23H 10 0011 V6 + (V5 – V6) × 4/8 24H 10 0100 V6 + (V5 – V6) × 3/8 25H 10 0101 V6 + (V5 – V6) × 2/8 26H 10 0110 V6 + (V5 – V6) × 1/8 27H 10 0111 V6 28H 10 1000 V7 + (V6 – V7) × 7/8 29H 10 1001 V7 + (V6 – V7) × 6/8 2AH 10 1010 V7 + (V6 – V7) × 5/8 2BH 10 1011 V7 + (V6 – V7) × 4/8 2CH 10 1100 V7 + (V6 – V7) × 3/8 2DH 10 1101 V7 + (V6 – V7) × 2/8 2EH 10 1110 V7 + (V6 – V7) × 1/8 2FH 10 1111 V7 30H 11 0000 V8 + (V7 – V8) × 7/8 31H 11 0001 V8 + (V7 – V8) × 6/8 32H 11 0010 V8 + (V7 – V8) × 5/8 33H 11 0011 V8 + (V7 – V8) × 4/8 34H 11 0100 V8 + (V7 – V8) × 3/8 35H 11 0101 V8 + (V7 – V8) × 2/8 36H 11 0110 V8 + (V7 – V8) × 1/8 37H 11 0111 V8 38H 11 1000 V9 + (V8 – V9) × 6/7 39H 11 1001 V9 + (V8 – V9) × 5/7 3AH 11 1010 V9 + (V8 – V9) × 4/7 3BH 11 1011 V9 + (V8 – V9) × 3/7 3CH 11 1100 V9 + (V8 – V9) × 2/7 3DH 11 1101 V9 + (V8 – V9) × 1/7 3EH 11 1110 V9 3FH 11 1111 V10 |