| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD16637 Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16637 Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 22 page ![]() 11 µµµµPD16637 6. RELATIONSHIP BETWEEN INPUT DATA AND OUTPUT PIN Data format : 6 bits ×××× 2 RGBs (6 dots) Input width : 36 bits (2-pixel data) R/L = H (Right shift) Output S1 S2 S3 S4 S5 ··· S383 S384 Data D00 to D05 D10 to D15 D20 to D25 D30 to D35 D40 to D45 ··· D40 to D45 D50 to D55 R/L = L (Left shift) Output S1 S2 S3 S4 S5 ··· S383 S384 Data D00 to D05 D10 to D15 D20 to D25 D30 to D35 D40 to D45 ··· D40 to D45 D50 to D55 POL S2n–1 S2n LV0 to V4 V5 to V9 HV5 to V9 V0 to V4 S2n-1 (Odd output), S2n (Even output) n = 1, 2, ·····, 192 7. RELATIONSHIP BETWEEN STB, POL, AND OUTPUT WAVEFORM The output voltage is written to the LCD panel synchronized with the STB rising edge. STB POL S2n-1 S2n Selected voltage of V0 to V4 Selected voltage of V5 to V9 Selected voltage of V0 to V4 Selected voltage of V5 to V9 Selected voltage of V0 to V4 Selected voltage of V5 to V9 Hi-Z Hi-Z Hi-Z |