Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NAND01GR3B2B Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce NAND01GR3B2B
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01GR3B2B Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button NAND01GR3B2B Datasheet HTML 43Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 44Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 45Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 46Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 47Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 48Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 49Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 50Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
NAND01G-B2B, NAND02G-B2C
DC And AC parameters
47/62
Figure 19.
Command Latch AC waveforms
1.
The time to Ready depends on the value of the pull-up resistor tied to the Ready/Busy pin. See Figure 31, Figure 32 and
Figure 33.
2.
tWHWH is the time from W rising edge during the final address cycle to W rising edge during the first data cycle.
3.
During a Program/Erase Enable Operation, tWW is the delay from WP high to W High.
During a Program/Erase Disable Operation, tWW is the delay from WP Low to W High.
4.
ES = Electronic Signature.
ai13105
CL
E
W
AL
I/O
tCLHWH
tELWH
tWHCLL
tWHEH
tWLWH
tALLWH
tWHALH
Command
tDVWH
tWHDX
(CL Setup time)
(CL Hold time)
(Data Setup time)
(Data Hold time)
(ALSetup time)
(AL Hold time)
H(E Setup time)
(E Hold time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62