| Moteur de recherche de fiches techniques de composants électroniques |
|
NAND01G-B2B Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
NAND01G-B2B Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 62 page ![]() NAND01G-B2B, NAND02G-B2C Data protection 35/62 7 Data protection The device has hardware features to protect against program and erase operations. It features a Write Protect, WP, pin, which can be used to protect the device against program and erase operations. It is recommended to keep WP at VIL during power-up and power- down. In addition, to protect the memory from any involuntary program/erase operations during power-transitions, the device has an internal voltage detector which disables all functions whenever VDD is below VLKO (see Table 22 and Table 23). |