Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C32-RBN5TP/B Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M24C32-RBN5TP/B
Description  128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-RBN5TP/B Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M24C32-RBN5TP/B Datasheet HTML 3Page - STMicroelectronics M24C32-RBN5TP/B Datasheet HTML 4Page - STMicroelectronics M24C32-RBN5TP/B Datasheet HTML 5Page - STMicroelectronics M24C32-RBN5TP/B Datasheet HTML 6Page - STMicroelectronics M24C32-RBN5TP/B Datasheet HTML 7Page - STMicroelectronics M24C32-RBN5TP/B Datasheet HTML 8Page - STMicroelectronics M24C32-RBN5TP/B Datasheet HTML 9Page - STMicroelectronics M24C32-RBN5TP/B Datasheet HTML 10Page - STMicroelectronics M24C32-RBN5TP/B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
M24128, M24C64, M24C32
Summary description
7/34
Figure 2.
DIP, SO, TSSOP and UFDFPN connections
1.
See Package mechanical section for package dimensions, and how to identify pin-1.
Table 2.
Signal names
E0, E1, E2
Chip Enable
SDA
Serial Data
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
SDA
VSS
SCL
WC
E1
E0
VCC
E2
AI01845e
M24128
M24C64
M24C32
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34