Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C64-FMB5TG/P Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce M24C64-FMB5TG/P
Description  128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-FMB5TG/P Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button M24C64-FMB5TG/P Datasheet HTML 10Page - STMicroelectronics M24C64-FMB5TG/P Datasheet HTML 11Page - STMicroelectronics M24C64-FMB5TG/P Datasheet HTML 12Page - STMicroelectronics M24C64-FMB5TG/P Datasheet HTML 13Page - STMicroelectronics M24C64-FMB5TG/P Datasheet HTML 14Page - STMicroelectronics M24C64-FMB5TG/P Datasheet HTML 15Page - STMicroelectronics M24C64-FMB5TG/P Datasheet HTML 16Page - STMicroelectronics M24C64-FMB5TG/P Datasheet HTML 17Page - STMicroelectronics M24C64-FMB5TG/P Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Device operation
M24128, M24C64, M24C32
14/34
Figure 7.
Write mode sequences with WC = 1 (data write inhibited)
BYTE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN
WC
PAGE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN 1
WC
DATA IN 2
AI01120C
PAGE WRITE
(cont'd)
WC (cont'd)
DATA IN N
ACK
ACK
ACK
NO ACK
R/W
ACK
ACK
ACK
NO ACK
R/W
NO ACK
NO ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34