Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UTC-100P-R10E Fiches technique(PDF) 4 Page - Advantech Co., Ltd.

No de pièce UTC-100P-R10E
Description  21.5" Ubiquitous Touch Computer UTC-120I with 11th Gen Intel® Core™ i5/i3 Processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-100P-R10E Fiches technique(HTML) 4 Page - Advantech Co., Ltd.

  UTC-100P-R10E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.advantech.com/products
Online Download
Features
DeviceOn/iService
Unified Remote Device Management
Software
ƒ
Supports Advantech devices equipped with Windows, Android, and Linux OS
ƒ
Flexible device, location, user, and permissions management
ƒ
Enables remote monitoring and control of hardware, software, and peripherals
ƒ
Supports over-the-air (OTA) firmware and software updates
ƒ
Ensures quick, easy, and secure device onboarding
ƒ
RESTful APIs for third-party system integration
System Architecture
Introduction
Advantech’s DeviceOn/iService is a next-generation unified device management solution based on the WISE-DeviceOn platform. Designed to enable centralized monitoring and
remote management, DeviceOn/iService supports Advantech devices equipped with Windows, Linux, or Android operating systems. The software also supports the management of
applications and integrated peripherals, such as a barcode scanner, card reader, camera, and printer. Users can remotely access and control connected devices, take screenshots,
rollout OTA upgrades, and use remote desktop capabilities for troubleshooting from any location at any time. Moreover, DeviceOn/iService supports batch operations to facilitate
the management of multiple devices simultaneously for easy and convenient device configuration and deployment.
Total Management
Remote Access
Operational Efficiency
Devices & Hardware
ƒ
Windows, Linux, Android
ƒ
Hardware, storage, battery
Real-Time Monitoring
ƒ
Connection/hardware status
ƒ
Software/peripheral status
ƒ
Failure notifications
OTA updates
ƒ
System/software updates
ƒ
File repository management
ƒ
App store
Software & Peripherals
ƒ
Software monitoring & access
ƒ
Screens, USB devices, printers
Remote Controls
ƒ
Power controls
ƒ
Audio, backlight controls
ƒ
Software controls
Batch Controls
ƒ
1-to-many batch reboot, etc.
ƒ
Time-saving tasks
Open for Expansion
ƒ
Peripheral integration
ƒ
Open APIs for integration
Troubleshooting
ƒ
Screenshots
ƒ
Remote desktop support
Setup Booster
ƒ
Software/peripheral watchlist
ƒ
Roles, rule templates
API
Client Devices
DeviceOn Server
Browser
LAN
Hardware
Software
Peripherals
Free Installation
Via the Advantech website
Download Installer
Via the Advantech website
Free Installation
Via browser
Required Hardware
Windows10
Intel® Core™ i5 storage
8GB RAM
125GB
Internet
Monitor status
Controls
On-site installation
Cloud
Note: Some functions may vary according to the product



Html Pages

1 2 3 4