Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL711FW Fiches technique(PDF) 15 Page - List of Unclassifed Manufacturers

No de pièce GL711FW
Description  ATA/ATAPI to 1394 Native Bridge Two in One Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

GL711FW Fiches technique(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button GL711FW Datasheet HTML 9Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 10Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 11Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 12Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 13Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 14Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 15Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 16Page - List of Unclassifed Manufacturers GL711FW Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
GL711FW
-14-
Revision: 1.3
09/12/2001
85
WE#
O
Flash PROM/EPROM write enable(active low). During normal
operation this bit is asserting high.
Miscellaneous signals
68,30,28,
34,80,32,
24,23
P17-P10
I/O
GPIO for firmware use
94
DMA16
I
This bit is used to enable 16-bits DMA function.
19
TEST
I
This bit is used only in test mode. This bit must tie low in normal .
20
SCANEN
I
This bit is used only in test mode. This bit must tie low in normal .
22
ENIDE#
I
For enable IDE function, active low.
69
ENUP#
I
For enable internal 8052 function, active low.
70
EA
I
For enable external ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17