Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRF24J40T-I/ML Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce MRF24J40T-I/ML
Description  IEEE 802.15.4™ 2.4 GHz RF Transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40T-I/ML Fiches technique(HTML) 5 Page - Microchip Technology

  MRF24J40T-I/ML Datasheet HTML 1Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 2Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 3Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 4Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 5Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 6Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 7Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 8Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 151 page
background image
 2021 Microchip Technology Inc.
Preliminary
DS30009776E-page 5
MRF24J40
1.0
OVERVIEW
The MRF24J40 is an IEEE 802.15.4™ Standard com-
pliant 2.4 GHz RF transceiver. It integrates the PHY
and MAC functionality in a single chip solution.
Figure 1-1 shows a simplified block diagram of a
MRF24J40 wireless node. The MRF24J40 creates a
low-cost, low-power, low data rate (250 or 625 kbps)
Wireless Personal Area Network (WPAN) device. The
MRF24J40 interfaces to many popular Microchip PIC®
microcontrollers via a 4-wire serial SPI interface,
interrupt, wake and Reset pins.
The MRF24J40 provides hardware support for:
• Energy Detection
• Carrier Sense
• Three CCA Modes
• CSMA-CA Algorithm
• Automatic Packet Retransmission
• Automatic Acknowledgment
• Independent Transmit, Beacon and GTS FIFO
Buffers
• Security Engine supports Encryption and
Decryption for MAC Sublayer and Upper Layer
These features reduce the processing load, allowing
the use of low-cost 8-bit microcontrollers.
The MRF24J40 is compatible with Microchip's
ZigBee®, MiWi™ and MiWi P2P software stacks. Each
software stack is available as a free download, includ-
ing source code, from the Microchip web site:
http://www.microchip.com/wireless.
FIGURE 1-1:
WIRELESS NODE BLOCK DIAGRAM
Matching
Circuitry
Antenna
I/O
SDO
SDI
SCK
INTx
I/O
I/O
PIC® MCU
PHY
MAC
20 MHz
Crystal
SDI
SDO
SCK
INT
WAKE
CS
RESET
RFP
RFN
MRF24J40
Power
Management
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More