Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP16331 Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Fiches technique(HTML) 39 Page - Microchip Technology

Back Button MCP16331_V01 Datasheet HTML 35Page - Microchip Technology MCP16331_V01 Datasheet HTML 36Page - Microchip Technology MCP16331_V01 Datasheet HTML 37Page - Microchip Technology MCP16331_V01 Datasheet HTML 38Page - Microchip Technology MCP16331_V01 Datasheet HTML 39Page - Microchip Technology MCP16331_V01 Datasheet HTML 40Page - Microchip Technology MCP16331_V01 Datasheet HTML 41Page - Microchip Technology MCP16331_V01 Datasheet HTML 42Page - Microchip Technology MCP16331_V01 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
 2014-2021 Microchip Technology Inc.
DS20005308D-page 39
MCP16331
B
A
0.15 C
0.15 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
12
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
12
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing No. C04-129-MNY Rev E Sheet 1 of 2
2X
8X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
8-Lead Plastic Dual Flat, No Lead Package (MNY) – 2x3x0.8 mm Body [TDFN]
D
E
D2
E2
A
(A3)
A1
e
8X b
L
K
With 1.4x1.3 mm Exposed Pad (JEDEC Package type WDFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48